Part Number Hot Search : 
MS2501 MS2501 23VL070 STK4164 L4969 1N4737AM F2048 USB22
Product Description
Full Text Search
 

To Download NREHS930M63V8X9F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Miniature Aluminum Electrolytic Capacitors
HIGH CV, HIGH TEMPERATURE ,RADIAL LEADS, POLARIZED FEATURES * EXTENDED VALUE AND HIGH VOLTAGE * NEW REDUCED SIZES CHARACTERISTICS
Rated Voltage Range Capacitance Range Operating Temperature Range Capacitance Tolerance 6.3 ~ 50Vdc 100 ~ 10,000F -55 ~ +105C 6.3 ~ 50Vdc Max. Leakage Current @ 20C 0.01CV or 3A whichever is greater after 2 minutes 6.3 10 16 25 8.0 13 20 32 0.30 0.26 0.20 0.18 6.3 10 16 25 0.26 0.22 0.18 0.16 0.28 0.24 0.20 0.18 0.30 0.26 0.22 0.20 0.32 0.28 0.24 0.22 0.36 0.32 0.28 0.44 0.40 6.3 10 16 25 4 3 2 2 8 6 4 4 Capacitance Change Tan Leakage Current CV<1,000F 0.1CV + 40A (1 min.) .03CV + 15A (5 min.) 35 44 0.14 35 0.14 0.16 0.18 35 2 3 50 63 0.12 50 0.12 014 50 2 3
NRE-HS Series
RoHS Compliant
includes all homogeneous materials
*See Part Number System for Details 160 ~ 250Vdc 4.7 ~ 220F -40 ~ +105C 20%(M) 160 ~ 450Vdc CV>1,000F 0.04CV + 100A (1 min.) 0.02CV + 25A (5 min.) 450 500 0.25 450 0.25 450 6 350 ~ 450Vdc 1.5 ~ 68F -25 ~ +105C
W.V. (Vdc) S.V. (Vdc) C<1,000F W.V. (Vdc) C<1,000F Max. Tan @ 120Hz/20C C=2,000F C=3,300F C=4,700F C=6,800F C=10,000F W.V. (Vdc) Low Temperature Stability Z-25C/Z+20C Inpedance Ratio @ 120Hz Z-40C/Z+20C Load Life Test at Rated W.V. +105C 2,000 Hours
160 200 250 350 400 200 250 300 400 450 0.20 0.20 0.20 0.20 0.20 160 200 250 350 400 0.20 0.20 0.20 0.20 0.20 160 200 250 350 400 3 3 3 6 6 Within 25% of initial measured value Less than 200% of specified maximum value Less than specified maximum value
STANDARD PRODUCT AND CASE SIZE TABLE D x L (mm)
Working Voltage (Vdc) Cap. Code (F) 6.3 10 16 25 35 50 100 101 8x9 150 151 8x9 8x9 220 221 8x9 10x9 330 331 8x9 10x9 10x9 470 471 8x9 8x9 8x9 10x9 12.5x16 680 681 8x9 10x9 10x9 12.5x16 12.5x16 16x16 1000 102 10x9 10x9 12.5x16 16x16 16x20 2200 222 12.5x16 12.5x16 16x16 16x20 18x20 18x25 3300 332 16x16 16x16 16x20 18x20 18x25 4700 472 18x16 16x20 18x20 18x25 6800 682 16x20 18x20 18x25 10000 103 18x20 18x25 -
PERMISSIBLE RIPPLE CURRENT (mA rms AT 120Hz AND 105oC)
Cap. (F) 100 150 220 330 470 680 1000 2200 3300 4700 6800 10000 6.3 270 300 460 770 930 1000 1200 1430 10 295 350 460 770 930 1200 1330 1680 Working Voltage (Vdc) 16 25 240 270 310 310 370 370 640 670 930 1100 1200 1200 1330 1490 1680 35 250 300 360 640 850 1200 1490 50 200 300 570 710 890 1320 -
PART NUMBER SYSTEM NREHS 102 M 35V 16X16 F...
RoHS Compliant Case Size (D x L) Working Voltage (Vdc) Tolerance Code (M=20%) Capacitance Code: First 2 characters significant, third character is multiplier Series
Please review the notes on correct use, safety and precautions found on pages T10 & T11 of NIC's Electrolytic Capacitor catalog. Also found at www.niccomp.com/precautions If in doubt or uncertainty, please review your specific application - process details with NIC's technical support personnel: tpmg@niccomp.com
PRECAUTIONS
(R)
NIC COMPONENTS CORP.
www.niccomp.com
www.lowESR.com
www.RFpassives.com
91
Miniature Aluminum Electrolytic Capacitors
STANDARD PRODUCT AND CASE SIZE TABLE D x L (mm)
Cap. (F) 1.5 2.2 3.3 4.7 6.8 10 22 33 47 68 100 150 220 Code 1R5 2R2 3R3 4R7 6R8 100 220 330 470 680 101 151 221 Working Voltage (Vdc) 160 200 250 350 400 450 8x9 8x9 10x9 8x9 10x9 8x9 8x9 8x9 10x9 10x9 8x9 8x9 10x9 12.5x16 12.5x16 12.6x16 10x9 10x9 12.5x16 12.5x16 16x16 12.5x16 12.5x16 18x16 16x20 16x20 12.5x16 12.5x16 16x16 16x20 16x20 18x25 16x16 16x16 18x16 18x20 18x20 18x25 18x16 16x20 16x20 18x25 16x20 16x20 18x25 18x20 18x25 18x25 -
NRE-HS Series
PERMISSIBLE RIPPLE CURRENT (mA rms AT 120Hz AND 105oC)
Cap. (F) 1.5 2.2 3.3 4.7 6.8 10 22 33 47 68 100 150 220 160 54 60 85 175 245 305 381 464 602 200 54 60 85 156 175 250 355 381 532 Working Voltage (Vdc) 250 350 37 54 49 69 94 100 156 183 238 238 309 309 397 397 451 400 35 40 49 94 100 187 238 309 450 19 29 77 109 170 238 275 -
LEAD SPACING AND DIAMETER (mm)
Case Dia. (D) Lead Dia. (d) Lead Spacing (F) Dim.
Polarity Marking
RIPPLE CURRENT FREQUENCY CORRECTION FACTORS
Frequency (Hz) 1.5 ~ 6.8F 10 ~ 68F 100 ~ 1000F 2200 ~ 10000F 60 0.65 0.80 0.80 0.80 120 1.00 1.00 1.00 1.00 500 1.20 1.20 1.10 1.05 1K 1.30 1.30 1.15 1.10 10K > 1.50 1.50 1.20 1.15
8 0.6 3.5 0.5
10 0.6 5.0 0.5
12.5 0.6 5.0 0.5
16 0.8 7.5 0.5
18 0.8 7.5 0.5
Insulation Sleeve
d 0.05
F 0.5
L + max.
15mm Min.
4mm Min.
D
max. L< 16mm = 1.5mm, L> 20mm = 2.0mm
(R)
92
NIC COMPONENTS CORP.
www.niccomp.com
www.lowESR.com
www.RFpassives.com


▲Up To Search▲   

 
Price & Availability of NREHS930M63V8X9F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X